Part Number Hot Search : 
LQ11S44T IRS20957 MX7538BQ A8283SB KIC9459N 10200 103LF SA40A
Product Description
Full Text Search
 

To Download MC78L09ABPRAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 may, 2005 ? rev. 10 1 publication order number: mc78l00a/d mc78l00a series, ncv78l00a 100 ma positive voltage regulators the mc78l00a series of positive voltage regulators are inexpensive, easy?to?use devices suitable for a multitude of applications that require a regulated supply of up to 100 ma. like their higher powered mc7800 and mc78m00 series cousins, these regulators feature internal current limiting and thermal shutdown making them remarkably rugged. no external components are required with the mc78l00 devices in many applications. these devices offer a substantial performance advantage over the traditional zener diode?resistor combination, as output impedance and quiescent current are substantially reduced. features ? wide range of available, fixed output voltages ? low cost ? internal short circuit current limiting ? internal thermal overload protection ? no external components required ? complementary negative regulators offered (mc79l00a series) ? pb?free packages are available ? ncv prefix for automotive and other applications requiring site and control changes figure 1. representative schematic diagram 15k q1 q3 q5 input output ground q11 q12 3.0 0?25k 2.85k 5.0k q10 3.8k q4 q6 1.2k 1.9k 19k 2.2k q9 q8 c q7 1.0k 420 z1 q2 figure 2. standard application a common ground is required between the input and the output voltages. the input vo ltage must remain typically 2.0 v above the output voltage even during the low point on the input ripple voltage. *c in is required if regulator is located an appreciable distance from power supply filter. ** c o is not needed for stability; however, it does improve transient response. mc78lxxa input c in * 0.33  f c o ** output to?92 p suffix case 029 see detailed ordering and shipping information in the package dimensions section on page 9 of this data sheet. ordering information 3 pin: 1. output 2. ground 3. input pin connections 18 7 6 5 2 3 4 (top view) v out gnd gnd v in gnd nc gnd nc soic?8* d suffix case 751 *soic?8 is an internally modified so?8 package. pin s 2, 3, 6, and 7 are electrically common to the die attach flag. this internal lead frame modification decrease s package thermal resistance and increases powe r dissipation capability when appropriately mounted on a printed circuit board. soic?8 conforms to all exter - nal dimensions of the standard so?8 package. see general marking information in the device marking section on page 14 of this data sheet. device marking information 2 1 1 8 http://onsemi.com
mc78l00a series, ncv78l00a http://onsemi.com 2 maximum ratings (t a = +125 c, unless otherwise noted.) rating symbol value unit input voltage (2.6 v?8.0 v) input voltage (12 v?18 v) input voltage (24 v) v i 30 35 40 vdc storage temperature range t stg ?65 to +150 c operating junction temperature range t j 0 to +150 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limi t values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be af fected. electrical characteristics (v i = 10 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, ? 4 0 c < t j < +125 c (for mc78lxxab, ncv78l05a), 0 c < t j < +125 c (for mc78lxxac), unless otherwise noted.) mc78l05ac, ab, ncv78l05a characteristics symbol min typ max unit output voltage (t j = +25 c) v o 4.8 5.0 5.2 vdc line regulation (t j = +25 c, i o = 40 ma) 7.0 vdc v i 20 vdc 8.0 vdc v i 20 vdc reg line ? ? 55 45 150 100 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load ? ? 11 5.0 60 30 mv output v oltage (7.0 vdc v i 20 vdc, 1.0 ma i o 40 ma) (v i = 10 v, 1.0 ma i o 70 ma) v o 4.75 4.75 ? ? 5.25 5.25 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? 3.8 ? 6.0 5.5 ma input bias current change (8.0 vdc v i 20 vdc) (1.0 ma i o 40 ma)  i ib ? ? ? ? 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 40 ?  v ripple rejection (i o = 40 ma, f = 120 hz, 8.0 vdc v i 18 v, t j = +25 c) rr 41 49 ? db dropout voltage (t j = +25 c) v i ? v o ? 1.7 ? vdc note: ncv78l05a: t low = ?40 c, t high = +125 c. guaranteed by design. ncv prefix is for automotive and other applications requiring site and change control.
mc78l00a series, ncv78l00a http://onsemi.com 3 electrical characteristics (v i = 14 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, ? 4 0 c < t j < +125 c (for mc78lxxab), 0 c < t j < +125 c (for mc78lxxac), unless otherwise noted.) mc78l08ac, ab characteristics symbol min typ max unit output voltage (t j = +25 c) v o 7.7 8.0 8.3 vdc line regulation (t j = +25 c, i o = 40 ma) 10.5 vdc v i 23 vdc 11 vdc v i 23 vdc reg line ? ? 20 12 175 125 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load ? ? 15 8.0 80 40 mv output v oltage (10.5 vdc v i 23 vdc, 1.0 ma i o 40 ma) (v i = 14 v, 1.0 ma i o 70 ma) v o 7.6 7.6 ? ? 8.4 8.4 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? 3.0 ? 6.0 5.5 ma input bias current change (11 vdc v i 23 vdc) (1.0 ma i o 40 ma)  i ib ? ? ? ? 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 60 ?  v ripple rejection (i o = 40 ma, f = 120 hz, 12 v v i 23 v, t j = +25 c) rr 37 57 ? db dropout voltage (t j = +25 c) v i ? v o ? 1.7 ? vdc electrical characteristics (v i = 15 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, ? 4 0 c < t j < +125 c (for mc78lxxab), 0 c < t j < +125 c (for mc78lxxac), unless otherwise noted.) mc78l09ac, ab characteristics symbol min typ max unit output voltage (t j = +25 c) v o 8.6 9.0 9.4 vdc line regulation (t j = +25 c, i o = 40 ma) 11.5 vdc v i 24 vdc 12 vdc v i 24 vdc reg line ? ? 20 12 175 125 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load ? ? 15 8.0 90 40 mv output v oltage (11.5 vdc v i 24 vdc, 1.0 ma i o 40 ma) (v i = 15 v, 1.0 ma i o 70 ma) v o 8.5 8.5 ? ? 9.5 9.5 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? 3.0 ? 6.0 5.5 ma input bias current change (11 vdc v i 23 vdc) (1.0 ma i o 40 ma)  i ib ? ? ? ? 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 60 ?  v ripple rejection (i o = 40 ma, f = 120 hz, 13 v v i 24 v, t j = +25 c) rr 37 57 ? db dropout v oltage (t j = +25 c) v i ? v o ? 1.7 ? vdc
mc78l00a series, ncv78l00a http://onsemi.com 4 electrical characteristics (v i = 19 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, ? 4 0 c < t j < +125 c (for mc78lxxab), 0 c < t j < +125 c (for mc78lxxac), unless otherwise noted.) mc78l12ac, ab characteristics symbol min typ max unit output voltage (t j = +25 c) v o 11.5 12 12.5 vdc line regulation (t j = +25 c, i o = 40 ma) 14.5 vdc v i 27 vdc 16 vdc v i 27 vdc reg line ? ? 120 100 250 200 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load ? ? 20 10 100 50 mv output v oltage (14.5 vdc v i 27 vdc, 1.0 ma i o 40 ma) (v i = 19 v, 1.0 ma i o 70 ma) v o 11.4 11.4 ? ? 12.6 12.6 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? 4.2 ? 6.5 6.0 ma input bias current change (16 vdc v i 27 vdc) (1.0 ma i o 40 ma)  i ib ? ? ? ? 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 80 ?  v ripple rejection (i o = 40 ma, f = 120 hz, 15 v v i 25 v, t j = +25 c) rr 37 42 ? db dropout v oltage (t j = +25 c) v i ? v o ? 1.7 ? vdc electrical characteristics (v i = 23 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, ? 4 0 c < t j < +125 c (for mc78lxxab), s 0 c < t j < +125 c (for mc78lxxac), unless otherwise noted.) mc78l15ac, ab characteristics symbol min typ max unit output voltage (t j = +25 c) v o 14.4 15 15.6 vdc line regulation (t j = +25 c, i o = 40 ma) 17.5 vdc v i 30 vdc 20 vdc v i 30 vdc reg line ? ? 130 110 300 250 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load ? ? 25 12 150 75 mv output v oltage (17.5 vdc v i 30 vdc, 1.0 ma i o 40 ma) (v i = 23 v, 1.0 ma i o 70 ma) v o 14.25 14.25 ? ? 15.75 15.75 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? 4.4 ? 6.5 6.0 ma input bias current change (20 vdc v i 30 vdc) (1.0 ma i o 40 ma)  i ib ? ? ? ? 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 90 ?  v ripple rejection (i o = 40 ma, f = 120 hz, 18.5 v v i 28.5 v, t j = +25 c) rr 34 39 ? db dropout v oltage (t j = +25 c) v i ? v o ? 1.7 ? vdc
mc78l00a series, ncv78l00a http://onsemi.com 5 electrical characteristics (v i = 27 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, 0 c < t j < +125 c, unless otherwise noted.) mc78l18ac characteristics symbol min typ max unit output voltage (t j = +25 c) v o 17.3 18 18.7 vdc line regulation (t j = +25 c, i o = 40 ma) 21.4 vdc v i 33 vdc 20.7 vdc v i 33 vdc 22 vdc v i 33 vdc 21 vdc v i 33 vdc reg line ? ? 45 35 325 275 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load ? ? 30 15 170 85 mv output v oltage (21.4 vdc v i 33 vdc, 1.0 ma i o 40 ma) (20.7 vdc v i 33 vdc, 1.0 ma i o 40 ma) (v i = 27 v, 1.0 ma i o 70 ma) (v i = 27 v, 1.0 ma i o 70 ma) v o 17.1 17.1 ? ? 18.9 18.9 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? 3.1 ? 6.5 6.0 ma input bias current change (22 vdc v i 33 vdc) (21 vdc v i 33 vdc) (1.0 ma i o 40 ma)  i ib ? ? ? ? 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 150 ?  v ripple rejection (i o = 40 ma, f = 120 hz, 23 v v i 33 v, t j = +25 c) rr 33 48 ? db dropout v oltage (t j = +25 c) v i ? v o ? 1.7 ? vdc
mc78l00a series, ncv78l00a http://onsemi.com 6 electrical characteristics (v i = 33 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, 0 c < t j < +125 c, unless otherwise noted.) mc78l24ac characteristics symbol min typ max unit output voltage (t j = +25 c) v o 23 24 25 vdc line regulation (t j = +25 c, i o = 40 ma) 27.5 vdc v i 38 vdc 28 vdc v i 80 vdc 27 vdc v i 38 vdc reg line ? ? ? ? 50 60 ? 300 350 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load ? ? 40 20 200 100 mv output v oltage (28 vdc v i 38 vdc, 1.0 ma i o 40 ma) (27 vdc v i 38 vdc, 1.0 ma i o 40 ma) (28 vdc v i = 33 vdc, 1.0 ma i o 70 ma) (27 vdc v i 33 vdc, 1.0 ma i o 70 ma) v o 22.8 22.8 ? ? 25.2 25.2 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? 3.1 ? 6.5 6.0 ma input bias current change (28 vdc v i 38 vdc) (1.0 ma i o 40 ma)  i ib ? ? ? ? 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 200 ?  v ripple rejection (i o = 40 ma, f = 120 hz, 29 v v i 35 v, t j = +25 c) rr 31 45 ? db dropout v oltage (t j = +25 c) v i ? v o ? 1.7 ? vdc
mc78l00a series, ncv78l00a http://onsemi.com 7 p d , power dissipation (mw) i ib , input bias current (ma) i ib , input bias current (ma) v o , output voltage (v) figure 3. dropout characteristics figure 4. dropout voltage versus junction temperature figure 5. input bias current versus ambient temperature figure 6. input bias current versus input voltage figure 7. maximum average power dissipation versus ambient temperature ? t o?92 type package v i , input voltage (v) 0 2.0 4.0 6.0 8.0 10 , input/output differential voltage (v) io t j , junction temperature ( c) 0 25 50 75 100 125 ?v v dropout of regulation is defined as when v o = 2% of v o t a , ambient temperature ( c) 0 25 50 75 100 125 v i , input voltage (v) 0 5.0 10 15 20 25 30 35 40 t a , ambient temperature ( c) 25 50 75 100 125 150 no heatsink 8.0 6.0 4.0 2.0 0 2.5 2.0 1.5 1.0 0.5 0 4.2 4.0 3.8 3.6 3.4 3.2 3.0 0 5.0 4.0 3.0 2.0 1.0 0 10,000 1000 100 10 mc78l05ac v out = 5.0 v t j = 25 c mc78l05ac v out = 5.0 v i o = 40 ma t j = 25 c r  ja = 200 c/w p d(max) to 25 c = 625 mw i o = 1.0 ma i o = 40 ma i o = 100 ma i o = 70 ma i o = 1.0 ma i o = 40 ma mc78l05ac v i = 10 v v o = 5.0 v i o = 40 ma 30 50 70 90 110 130 150 0.4 0.8 1.2 1.6 2.0 2.4 2.8 0203050 40 10 l, length of copper (mm) 170 3.2 r  ja p d r , thermal resistance ja junction-to-air ( c/w) , maximum power dissipation (w) ??? ??? ??? ??? ??? ??? ??? ??? figure 8. soic?8 thermal resistance and maximum power dissipation versus p.c.b. copper length p d(max) for t a = 50 c
mc78l00a series, ncv78l00a http://onsemi.com 8 applications information design considerations the mc78l00a series of fixed voltage regulators are designed with thermal overload protection that shuts down the circuit when subjected to an excessive power overload condition. internal short circuit protection limits the maximum current the circuit will pass. in many low current applications, compensation capacitors are not required. however, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire lengths, or if the output load capacitance is large. the input bypass capacitor should be selected to provide good high?frequency characteristics to insure stable operation under all load conditions. a 0.33  f or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. the bypass capacitor should be mounted with the shortest possible leads directly across the regulators input terminals. good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. bypassing the output is also recommended. figure 9. current regulator figure 10. 15 v tracking voltage regulator the mc78l00 regulators can also be used as a current source when connected as above. in order to minimize dissipation the mc78l05c is chosen in this application. resistor r determines the current as follows: for example, a 100 ma current source would require r to be a 50  , 1/2 w resistor and the output voltage compliance would be the input voltage less 7 v. i o = 5.0 v + i b i ib = 3.8 ma over line and load changes input 0.33  f r i o mc78l05a constant current to grounded load ? + mc1741 +20v 0.33  f mc78l15a +v o 10k 10k ?v o 7 6 2 3 4 6.5 20v mps a70 mps u55 0.33  f 0.33  f +v i ?v i mc78lxxa mc79lxxa +v o ?v o 0.33  f 0.1  f 0.1  f r figure 11. positive and negative regulator
mc78l00a series, ncv78l00a http://onsemi.com 9 ordering informa tion device output voltage operating temperature range package shipping ? mc78l05abd soic?8 98 units/rail mc78l05abdg soic?8 98 units/rail mc78l05abdr2 soic?8 2500 tape & reel mc78l05abdr2g soic?8 (pb?free) 2500 tape & reel ncv78l05abdr2* soic?8 2500 tape & reel ncv78l05abdr2g* soic?8 (pb?free) 2500 tape & reel mc78l05abp to?92 2000 units/bag mc78l05abpg t j = ?40 to +125 c to?92 (pb?free) 2000 units/bag mc78l05abpra to?92 2000 tape & reel mc78l05abprag to?92 (pb?free) 2000 tape & reel mc78l05abpre to?92 2000 tape & reel mc78l05abpreg to?92 (pb?free) 2000 tape & reel mc78l05abprm to?92 2000 ammo pack mc78l05abprmg to?92 (pb?free) 2000 ammo pack mc78l05acd 5.0 v soic?8 98 units/rail mc78l05acdg soic?8 (pb?free) 98 units/rail mc78l05acdr2 soic?8 2500 tape & reel mc78l05acdr2g soic?8 (pb?free) 2500 tape & reel mc78l05acp to?92 2000 units/bag mc78l05acpg to?92 (pb?free) 2000 units/bag mc78l05acpra to?92 2000 tape & reel mc78l05acprag t j = 0 to +125 c to?92 (pb?free) 2000 tape & reel mc78l05acpre to?92 2000 tape & reel mc78l05acpreg to?92 (pb?free) 2000 tape & reel mc78l05acprm to?92 2000 ammo pack mc78l05acprmg to?92 (pb?free) 2000 ammo pack mc78l05acprp to?92 2000 ammo pack mc78l05acprpg to?92 (pb?free) 2000 ammo pack *ncv78l05a: t low = ?40 c, t high = +125 c. guaranteed by design. ncv prefix is for automotive and other applications requiring site and change control. ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d.
mc78l00a series, ncv78l00a http://onsemi.com 10 ordering informa tion (continued) device output voltage operating temperature range package shipping ? mc78l08abd soic?8 98 units/rail mc78l08abdg soic?8 (pb?free) 98 units/rail mc78l08abdr2 soic?8 2500 tape & reel mc78l08abdr2g soic?8 (pb?free) 2500 tape & reel mc78l08abp to?92 2000 units/bag mc78l08abpg t j = ?40 to +125 c to?92 (pb?free) 2000 units/bag mc78l08abpra to?92 2000 tape & reel mc78l08abprag to?92 (pb?free) 2000 tape & reel mc78l08abprp to?92 2000 ammo pack mc78l08abprpg to?92 (pb?free) 2000 ammo pack mc78l08acd soic?8 98 units/rail mc78l08acdg 8.0 v soic?8 (pb?free) 98 units/rail mc78l08acdr2 soic?8 2500 tape & reel mc78l08acdr2g soic?8 (pb?free) 2500 tape & reel mc78l08acp to?92 2000 units/bag mc78l08acpg t j = 0 to +125 c to?92 (pb?free) 2000 units/bag mc78l08acpra t j = 0 to +125 c to?92 2000 tape & reel mc78l08acprag to?92 (pb?free) 2000 tape & reel mc78l08acpre to?92 2000 tape & reel mc78l08acpreg to?92 (pb?free) 2000 tape & reel mc78l08acprp to?92 2000 ammo pack mc78l08acprpg to?92 (pb?free) 2000 ammo pack mc78l09abd soic?8 98 units/rail mc78l09abdg soic?8 (pb?free) 98 units/rail mc78l09abdr2 soic?8 2500 tape & reel mc78l09abdr2g 9.0 v t j = ?40 to +125 c soic?8 (pb?free) 2500 tape & reel mc78l09abpra 9.0 v t j = ?40 to +125 c to?92 2000 tape & reel MC78L09ABPRAG to?92 (pb?free) 2000 tape & reel mc78l09abprp to?92 2000 ammo pack mc78l09abprpg to?92 (pb?free) 2000 ammo pack ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d.
mc78l00a series, ncv78l00a http://onsemi.com 11 ordering informa tion (continued) device output voltage operating temperature range package shipping ? mc78l09acd soic?8 98 units/rail mc78l09acdg soic?8 (pb?free) 98 units/rail mc78l09acdr2 soic?8 2500 tape & reel mc78l09acdr2g 9.0 v t j = 0 to +125 c soic?8 (pb?free) 2500 tape & reel mc78l09acp to?92 2000 units/bag mc78l09acpg to?92 (pb?free) 2000 units/bag mc78l12abd soic?8 98 units/rail mc78l12abdg soic?8 (pb?free) 98 units/rail mc78l12abdr2 soic?8 2500 tape & reel mc78l12abdr2g soic?8 (pb?free) 2500 tape & reel mc78l12abp to?92 2000 units/bag mc78l12abpg t j = ?40 to +125 c to?92 (pb?free) 2000 units/bag mc78l12abprp to?92 2000 ammo pack mc78l12abprpg to?92 (pb?free) 2000 ammo pack ncv78l12abdr2* soic?8 2500 tape & reel ncv78l12abdr2g* soic?8 (pb?free) 2500 tape & reel mc78l12acd soic?8 98 units/rail mc78l12acdg 12 v soic?8 (pb?free) 98 units/rail mc78l12acdr2 12 v soic?8 2500 tape & reel mc78l12acdr2g soic?8 (pb?free) 2500 tape & reel mc78l12acp to?92 2000 units/bag mc78l12acpg to?92 (pb?free) 2000 units/bag mc78l12acpra to?92 2000 tape & reel mc78l12acprag t j = 0 to +125 c to?92 (pb?free) 2000 tape & reel mc78l12acpre to?92 2000 tape & reel mc78l12acpreg to?92 (pb?free) 2000 tape & reel mc78l12acprm to?92 2000 ammo pack mc78l12acprmg to?92 (pb?free) 2000 ammo pack mc78l12acprp to?92 2000 ammo pack mc78l12acprpg to?92 (pb?free) 2000 ammo pack *ncv78l12a: t low = ?40 c, t high = +125 c. guaranteed by design. ncv prefix is for automotive and other applications requiring site and change control. ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d.
mc78l00a series, ncv78l00a http://onsemi.com 12 ordering informa tion (continued) device output voltage operating temperature range package shipping ? mc78l15abd soic?8 98 units/rail mc78l15abdg soic?8 (pb?free) 98 units/rail mc78l15abdr2 soic?8 2500 tape & reel mc78l15abdr2g soic?8 (pb?free) 2500 tape & reel mc78l15abp to?92 2000 units/bag mc78l15abpg t j = ?40 to +125 c to?92 (pb?free) 2000 units/bag mc78l15abpra to?92 2000 tape & reel mc78l15abprag to?92 (pb?free) 2000 tape & reel mc78l15abprp to?92 2000 ammo pack mc78l15abprpg 15 v to?92 (pb?free) 2000 ammo pack mc78l15acd 15 v soic?8 98 units/rail mc78l15acdg soic?8 (pb?free) 98 units/rail mc78l15acdr2 soic?8 2500 tape & reel mc78l15acdr2g soic?8 (pb?free) 2500 tape & reel mc78l15acp to?92 2000 units/bag mc78l15acpg t j = 0 to +125 c to?92 (pb?free) 2000 units/bag mc78l15acpra to?92 2000 tape & reel mc78l15acprag to?92 (pb?free) 2000 tape & reel mc78l15acprp to?92 2000 ammo pack mc78l15acprpg to?92 (pb?free) 2000 ammo pack ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d.
mc78l00a series, ncv78l00a http://onsemi.com 13 ordering informa tion (continued) device output voltage operating temperature range package shipping ? mc78l18abp to?92 2000 units/bag mc78l18abpg t j = ?40 to +125 c to?92 (pb?free) 2000 units/bag mc78l18acp to?92 2000 units/bag mc78l18acpg to?92 (pb?free) 2000 units/bag mc78l18acpra to?92 2000 tape & reel mc78l18acprag 18 v t j = 0 to +125 c to?92 (pb?free) 2000 tape & reel mc78l18acprm t j = 0 to +125 c to?92 2000 ammo pack mc78l18acprmg to?92 (pb?free) 2000 ammo pack mc78l18acprp to?92 2000 ammo pack mc78l18acprpg to?92 (pb?free) 2000 ammo pack mc78l24abp to?92 2000 units/bag mc78l24abpg t j = ?40 to +125 c to?92 (pb?free) 2000 units/bag mc78l24acp to?92 2000 units/bag mc78l24acpg 24 v to?92 (pb?free) 2000 units/bag mc78l24acpra 24 v to?92 2000 tape & reel mc78l24acprag t j = 0 to +125 c to?92 (pb?free) 2000 tape & reel mc78l24acprp to?92 2000 ammo pack mc78l24acprpg to?92 (pb?free) 2000 ammo pack ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d.
mc78l00a series, ncv78l00a http://onsemi.com 14 alywb  8lxxa soic?8 d suffix case 751 xx = 05, 08, 09, 12, or 15 a = assembly location l = wafer lot y = year w = work week b, c = temperature range  = pb?free package marking diagrams mc78l zzabp alyww   zz = 05, 08, 09, 12, 15, 18 or 24 a = assembly location l = wafer lot y = year ww = work week  = pb?free package (note: microdot may be in either location) to?92 p suffix case 029 alywc  8lxxa mc78l zzacp alyww   123 1 8 1 8 123
mc78l00a series, ncv78l00a http://onsemi.com 15 package dimensions soic?8 nb d suffix case 751?07 issue af seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751?01 thru 751?06 are obsolete. new standard is 751?07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ?x? ?y? g m y m 0.25 (0.010) ?z? y m 0.25 (0.010) z s x s m  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting t echniques reference manual, solderrm/d. soldering footprint*
mc78l00a series, ncv78l00a http://onsemi.com 16 package dimensions to?92 (to?226) p suffix case 29?11 issue al notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j l b k g h section x?x c v d n n xx seating plane dim min max min max millimeters inches a 0.175 0.205 4.45 5.20 b 0.170 0.210 4.32 5.33 c 0.125 0.165 3.18 4.19 d 0.016 0.021 0.407 0.533 g 0.045 0.055 1.15 1.39 h 0.095 0.105 2.42 2.66 j 0.015 0.020 0.39 0.50 k 0.500 ??? 12.70 ??? l 0.250 ??? 6.35 ??? n 0.080 0.105 2.04 2.66 p ??? 0.100 ??? 2.54 r 0.115 ??? 2.93 ??? v 0.135 ??? 3.43 ??? 1 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, in cluding without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different a pplications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical e xperts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc prod uct could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney f ees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was neglig ent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mc78l00a/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC78L09ABPRAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X